Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download STGD3NB60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STGD3NB60H
N-CHANNEL 3A - 600V TO-252 PowerMESHTM IGBT
TYPE STGD3NB60H
s
V CES 600 V
V CE(sat ) < 2.8 V
IC 3A
s s s s s s
HIGH INPUT IMPEDANCE (VOLTAGE DRIVEN) LOW ON-VOLTAGE DROP (Vcesat) LOW GATE CHARGE HIGH CURRENT CAPABILITY VERY HIGH FREQUENCY OPERATION OFF LOSSES INCLUDE TAIL CURRENT SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4")
3 1
DPAK TO-252 (Suffix "T4")
DESCRIPTION Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding perfomances. The suffix "H" identifies a family optimized to achieve very low switching times for high frequency applications (<120kHz). APPLICATIONS s HIGH FREQUENCY MOTOR CONTROLS s SMPS AND PFC IN BOTH HARD SWITCH AND RESONANT TOPOLOGIES
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol V CES V ECR V GE IC IC I CM (*) P tot T s tg Tj Parameter Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage G ate-Emitter Voltage Collector Current (continuous) at Tc = 25 C Collector Current (continuous) at Tc = 100 C Collector Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Storage T emperature Max. Operating Junction Temperature
o o o
Value 600 20 20 6 3 24 35 0.28 -65 to 150 150
Un it V V V A A A W W /o C
o o
C C
(*) Pulse width limited by safe operating area
June 1999
1/8
STGD3NB60H
THERMAL DATA
R thj -case R thj -amb R thc-sink Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Max Max T yp 3.57 100 1.5
o o
C/W C/W o C/W
ELECTRICAL CHARACTERISTICS (Tj = 25 oC unless otherwise specified) OFF
Symbo l V BR(CES) I CES IGES Parameter Collector-Emitt er Breakdown Voltage Collector cut-off (V GE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Con ditions I C = 250 A V GE = 0 T j = 25 oC T j = 125 o C V CE = 0 Min. 600 10 100 100 Typ. Max. Unit V A A nA
V CE = Max Rating V CE = Max Rating V GE = 20 V
ON ()
Symbo l V GE(th) V CE(SAT ) Parameter Gate Threshold Voltage Collector-Emitt er Saturation Voltage V CE = V GE V GE = 15 V V GE = 15 V Test Con ditions IC = 250 A IC = 3 A IC = 3 A Min. 3 2.4 1.9 Typ. Max. 5 2.8 Unit V V V
Tj = 125 o C
DYNAMIC
Symbo l gf s C i es C o es C res QG Q GE Q GC I CL Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total G ate Charge Gate-Emitter Charge Gate-Collector Charge Latching Current Test Con ditions V CE =25 V V CE = 25 V IC = 3 A f = 1 MHz V GE = 0 Min. 1.3 160 23 4.5 Typ. 2.4 235 33 6.6 21 6 7.6 12 300 43 8.6 27 Max. Unit S pF pF pF nC nC nC A
V CE = 480 V
IC = 3 A
V GE = 15 V
V clamp = 480 V T j = 150 o C
R G =10
SWITCHING ON
Symbo l t d(on) tr (di/dt) on Eo n Parameter Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Test Co nditions V CC = 480 V V GE = 15 V V CC = 480 V R G = 10 T j = 125 o C IC = 3 A R G = 10 IC = 3 A V GE = 15 V Min . T yp. 16 30 400 37 Max. Unit ns ns A/s J
2/8
STGD3NB60H
ELECTRICAL CHARACTERISTICS (continued) SWITCHING OFF
Symbo l tc t r (v off ) t d (off) tf E o ff(**) E ts tc t r (v off ) t d (off) tf E o ff(**) E ts Parameter Test Con ditions IC = 3 A V GE = 15 V Min. Typ. 90 36 53 70 33 65 180 82 58 110 88 125 Max. Unit ns ns ns ns J J ns ns ns ns J J
Cross-O ver Time V CC = 480 V Off Voltage Rise Time R GE = 10 Delay Time Fall T ime Turn-off Switching Loss Total Switching Loss Cross-O ver Time V CC = 480 V Off Voltage Rise Time R GE = 10 T j = 125 o C Delay Time Fall T ime Turn-off Switching Loss Total Switching Loss
IC = 3 A V GE = 15 V
(*) Pulse width limited by max. junction temperature () Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (**)Losses Include Also The Tail (Jedec Standardization)
Thermal Impedance
3/8
STGD3NB60H
Output Characteristics Transfer Characteristics
Transconductance
Collector-Emitter On Voltage vs Temperature
Collector-Emitter On Voltage vs Collector Current
Gate Threshold vs Temperature
4/8
STGD3NB60H
Normalized Breakdown Voltage vs Temperature Capacitance Variations
Gate Charge vs Gate-Emitter Voltage
Total Switching Losses vs Gate Resistance
Total Switching Losses vs Temperature
Total Switching Losses vs Collector Current
5/8
STGD3NB60H
Switching Off Safe Operating Area
Fig. 1: Gate Charge test Circuit
Fig. 2: Test Circuit For Inductive Load Switching
Fig. 3: Switching Waveforms
6/8
STGD3NB60H
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A" B
=
=
3
B2
=
=
G
E
2
L4
1
=
=
A2
0068772-B
7/8
STGD3NB60H
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STGD3NB60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X